Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0231 Fiches technique(PDF) 6 Page - DFROBOT

No de pièce DFR0231
Description  NFC Module for Arduino (SKU:DFR0231)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0231 Fiches technique(HTML) 6 Page - DFROBOT

  DFR0231 Datasheet HTML 1Page - DFROBOT DFR0231 Datasheet HTML 2Page - DFROBOT DFR0231 Datasheet HTML 3Page - DFROBOT DFR0231 Datasheet HTML 4Page - DFROBOT DFR0231 Datasheet HTML 5Page - DFROBOT DFR0231 Datasheet HTML 6Page - DFROBOT DFR0231 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
int test_ACK (void) {// return true if receive_ACK accord with std_ACK
int i;
for (i=0; i<19; i++) {
if (receive_ACK[i] != std_ACK[i])
return 0;
}
return 1;
}
void send_id (void) {//send id to PC
int i;
Serial.print ("ID: ");
for (i=19; i<= 23; i++) {
Serial.print (receive_ACK[i], HEX);
Serial.print (" ");
}
Serial.println ();
}
void UART1_Send_Byte(unsigned char command_data){//send byte to device
print1Byte(command_data);
#if defined(ARDUINO) && ARDUINO >= 100
Serial1.flush();// complete the transmission of outgoing serial data
#endif
}
void UART_Send_Byte(unsigned char command_data){//send byte to PC
Serial.print(command_data,HEX);
Serial.print(" ");
}
void read_ACK(unsigned char temp){//read ACK into reveive_ACK[]
unsigned char i;
for(i=0;i<temp;i++) {



Html Pages

1 2 3 4 5 6 7