Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-RHT650 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce MF-RHT650
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT650 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  MF-RHT650 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT650 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT650 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT650 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Reel diameter
da
max.
Space between flanges less device
W1
h
Arbor hole diameter
fc
Core diameter
hn
max.
Box
Consecutive missing places
3
max.
Empty places per reel
Not specified
MF-RHT Series Tape and Reel Specifications
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
t
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
h
h
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
Reel Dimensions - Figure 2
Taped Component Dimensions - Figure 1
26
(1.024)
80
(3.15)
±12.0
(±.472)
DIMENSIONS =
MM
(INCHES)
64
(2.52)
372
(14.6)
372
(14.6)
370
(14.57)
4.75
(.187)
±3.25
(±.128)



Html Pages

1 2 3 4