| Moteur de recherche de fiches techniques de composants électroniques |
|
ASLDA Fiches technique(PDF) 1 Page - Pentair Equipment Protection - Hoffman |
|
|
|||||||||||||||||||||||||||||
ASLDA Fiches technique(HTML) 1 Page - Pentair Equipment Protection - Hoffman |
|
1 / 6 page ![]() Spec-00479 G 1 SUBJECT TO CHANGE WITHOUT NOTICE Accessories EQUIPMENT PROTECTION SOLUTIONS Locks, Lockouts, LAtches, hAndLes And cLAmps Locks Spec-00479 G763.422.2211 763.422.2600 Accessories Locks, Lockouts, Latches, handLes and cLamps Locks Lock kit for cLAmp cover Junction Boxes Designed for field installation in standard clamp-cover junction boxes. Includes complete installation instructions. One hole must be drilled or punched in the cover to receive the cylinder lock. Punches for Hoffman locks and latches are available from Greenlee Punches. For more information on Greenlee punches, go to http:// www.greenlee.textron.com/ Bulletin: A80 Catalog Number L (in.) L (mm) ACLJIC 1.25 32 Lock kit for type 3r And 12 encLosures Designed for field installation in standard one-door Type 3R and 12 enclosures. Includes complete installation instructions. One hole must be drilled or punched in the door to receive the cylinder lock. Bulletin: A80 Catalog Number L, for NEMA 12 Enclosure in./mm L, for Medium 3R Hinged-Cover Enclosure in./mm ACLSN12 1.69 43 2.25 57 pAdLock kit for Junction Boxes Designed for field installation on standard LP, CH and CHNF junction boxes. Maintains water-tight and dust-tight seal. To install simply drill two holes in the cover and two holes in the body. Includes complete instructions. Padlock Kit is plated steel or Type 316 stainless steel. Bulletin: A80 Catalog Number Description APLKJIC Plated steel APLKJIC6SS Type 316 stainless steel repLAcement keys Fits PROLINE™ Network Cabinet and Networking Wall-Mount Cabinet. Bulletin: DAccY Catalog Number Key Code Includes Use with E2233KEY 2233 2 Keys PROLINE™ , Net Series, PC Cabinet, SOHO E333KEY 333 2 Keys ACCESSPLUS™ II, L-BOX™ , D-BOX™ |
Numéro de pièce similaire - ASLDA |
|
Description similaire - ASLDA |