| Moteur de recherche de fiches techniques de composants électroniques |
|
PIFMP16UX Fiches technique(PDF) 4 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
PIFMP16UX Fiches technique(HTML) 4 Page - Banner Engineering Corp. |
|
4 / 42 page ![]() Fiber Systems 166 More information online at bannerengineering.com PLASTIC FIBER D10 Series Redefining High-Performance Fiber Optic Sensing • Features advanced fiber optic amplifier for use with plastic fibers • Available with visible red or green beam • Delivers high-performance, low-contrast sensing with automatic TEACH options or manual adjustment • Available in bipolar, dual-discrete, and analog/ discrete output models Expert Models: • 4-digit TEACH and signal strength display or bargraph readout • Operating status indicators • Easy-to-set static, dynamic and single-point programming • Manual fine tuning • Remote configuration, using TEACH wire D10 Series BRACKETS PAGE 350 QD CABLES PAGE 378 & 379 4- & 6-Pin Pico D10 Expert with Numeric Display. . . . . . . . . . . . . . . . Page 167 D10 Expert with Bargraph Display . . . . . . . . . . . . . . . . . . . . 168 D10 Discrete Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168 Expert Dual-Discrete Outputs • Two configurable individual setpoints • Current sourcing (PNP) or current sinking (NPN) Expert Analog & Discrete Outputs • Two configurable individual setpoints: one for analog and one for discrete output • Current sourcing (PNP) or current sinking (NPN) • One 4-20 mA current analog output or 0-10V dc voltage analog output Expert Advanced LED Display • Configuration and performance indicator • Quick and easy setup • Constant status monitoring in RUN mode Discrete Discrete Analog Discrete D10 Expert with Numeric Display • Numeric display of signal strength and operating status • Two output options: two discrete outputs in the same sensor; or discrete output and either a 4-20 mA current or a 0-10V dc voltage analog output in the same sensor D10 Expert with Bargraph Display • Easy-to-read 8-segment light bar display indicator for TEACH and signal strength • Bipolar discrete outputs: one current sourcing (PNP) and one current sinking (NPN) D10 Discrete Output • 15-turn manual sensitivity adjustment • Pulse rate LED indicator for signal strength • Bipolar discrete outputs: one current sourcing (PNP) and one current sinking (NPN) PLASTIC FIBERS PAGE 182 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |