Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0095 Fiches technique(PDF) 4 Page - DFROBOT

No de pièce DFR0095
Description  DIGITAL IR Transmitter Module (SKU:DFR0095)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0095 Fiches technique(HTML) 4 Page - DFROBOT

  DFR0095 Datasheet HTML 1Page - DFROBOT DFR0095 Datasheet HTML 2Page - DFROBOT DFR0095 Datasheet HTML 3Page - DFROBOT DFR0095 Datasheet HTML 4Page - DFROBOT DFR0095 Datasheet HTML 5Page - DFROBOT DFR0095 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Infrared remote/communication
a) Target: Infrared remote/communication
b) Hardware List
DFRduino UNO R3 x2
IO Expansion Shield x2
Digital IR Receiver x1
IR Transmitter Module x1
c) Software List
Arduino IDE
Get Arduino library Arduino-IRremote and install it
d) Connect Diagram
IR Transmitter: same as above, Notice: Arduino-IRremote only supports D3 as transmitter.
IR Receiver: connet it to D11 port.
e) Step by Step
Open Arduino IDE
Upload code to the UNO connected with IR Transmitter:
#include <IRremote.h>
IRsend irsend;
void setup()
{
}
void loop() {
irsend.sendRC5(0x0, 8); //send 0x0 code (8 bits)
delay(200);
irsend.sendRC5(0x1, 8);
delay(200);



Html Pages

1 2 3 4 5 6