Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0063 Fiches technique(PDF) 3 Page - DFROBOT

No de pièce DFR0063
Description  I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0063 Fiches technique(HTML) 3 Page - DFROBOT

  DFR0063 Datasheet HTML 1Page - DFROBOT DFR0063 Datasheet HTML 2Page - DFROBOT DFR0063 Datasheet HTML 3Page - DFROBOT DFR0063 Datasheet HTML 4Page - DFROBOT DFR0063 Datasheet HTML 5Page - DFROBOT DFR0063 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0: The Jumper Cap is connected
1: The Jumper Cap is disconnected
NOTE: The default address is 0x20. All the jumper caps will be connected from
the factory.
Connection
NOTE: V1.2 has a different power pinout from V1.1, please check the history v
ersion for the old connection diagram.
Arduino UNO: connect SDA to pin A4 and SCL to pin A5 on your Arduino.
Arduino Leonardo: connect SDA to digital pin 2 and SCL to digital pin 3 on your Arduino.



Html Pages

1 2 3 4 5 6