| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0053 Fiches technique(PDF) 3 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0053 Fiches technique(HTML) 3 Page - DFROBOT |
|
3 / 3 page ![]() Sample Code // # Editor : Lauren from DFRobot // # Date : 30.12.2011 // # // # Editor : Lauren from DFRobot // # Date : 17.01.2012 // # Product name: Rotation Sensor v1/v2 or Analog Slide Position Sensor // # Product SKU : DFR0054/DFR0058/DFR0053 // # Version : 1.0 // # Description: // # the sample to drive some analog sensors // # Connection: // # Signal output pin -> Analog pin 0 // # void setup() { Serial.begin(9600); //Set serial baud rate to 9600 bps } void loop() { int val; val=analogRead(0); //Read slider value from analog 0 Serial.println(val,DEC);//Print the value to serial port delay(100); } Powered By DFRobot © 2008-2017 |