| Moteur de recherche de fiches techniques de composants électroniques |
|
REF3012 Fiches technique(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3012 Fiches technique(HTML) 25 Page - Texas Instruments |
|
25 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Aug-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) PREF3025EAIDBZR Active Preproduction SOT-23 (DBZ) | 3 3000 | LARGE T&R - Call TI Call TI -40 to 125 PREF3030EAIDBZR Active Preproduction SOT-23 (DBZ) | 3 3000 | LARGE T&R - Call TI Call TI -40 to 125 REF3012AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30A REF3012AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30A REF3012AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30A REF3012AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30A REF3020AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30B REF3020AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30B REF3020AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30B REF3020AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30B REF3025AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30C REF3025AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30C REF3025AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30C REF3025AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30C REF3030AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30F REF3030AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30F REF3030AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30F REF3030AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30F REF3033AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30D REF3033AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30D REF3033AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30D REF3033AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30D REF3040AIDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30E REF3040AIDBZR.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30E REF3040AIDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30E REF3040AIDBZT.B Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 R30E (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |