Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7182ABCPZ Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 21 of 102
AUTODETECTION RESULT
AD_RESULT[2:0]—Address 0x10, Bits[6:4]
The AD_RESULT[2:0] bits report back on the findings from the
ADV7182A autodetection block. See the General Setup section
for more information on enabling the autodetection block and
the Autodetection of SD Modes section for more information
on how to configure the autodetection block.
Table 21. AD_RESULT Function
AD_RESULT[2:0]
Description
000
NTSC M/NTSC J
001
NTSC 4.43
010
PAL M
011
PAL 60
100
PAL B/PAL G/PAL H/PAL I/PAL D
101
SECAM
110
PAL Combination N
111
SECAM 525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More