Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDAVLC5-4BX4 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce ESDAVLC5-4BX4
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-4BX4 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button ESDAVLC5-4BX4 Datasheet HTML 24Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 25Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 26Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 27Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 28Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 29Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 30Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 31Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Audio Domain
Protection
PA
Protection
Protection
PMIC
Vbat
PA
Audio codec
MEMORY/SIM BILL OF MATERIAL
AUDIO SUBSYSTEM BLOCK DIAGRAM
ESDZV5-1BF4
ESDZV5-1BV2
Protection
29
Audio
Subsystem
Audio functions are predominately
integrated into main host processor.
The ST offering is devoted to protection
devices for connecting external cabled
earphones and microphones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32