| Moteur de recherche de fiches techniques de composants électroniques |
|
VL53L3CA Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L3CA Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 32 page ![]() The main STMicroelectronics devices in the display domain are AMOLED PMIC and touch controllers. The fully integrated power-management ICs (PMICs) for AMOLED displays combine a low quiescent a low quiescent current and enhanced flexibility to extend the battery runtime of portable devices. The trademark FingerTip touch controllers for both small and large screens provide an optimal mix of ultralow power, small size, and low external part count. The proprietary ST low-noise capacitive analog front-end ensures very low intrinsic noise, ensuring the high sensitivity required in new AMOLED displays. The innovative node compensation hardware provides consistent touch performance across the display panel, including curved and trench areas. ALS are used to dim the display backlight (photopic lux level), but also to adapt the display tone based on corelated color temperature (CCT) measurement. Light flicker detection is also available for the smartphone corner camera. AMBIENT LIGHT SENSOR BLOCK DIAGRAM Protection Display domain LD0 ALS Vbat AMOLED display driver EEPROM Touch controller AMOLED DC-DC Vbat Haptic driver 25 Display Subsystem |