Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-WLC38FWBPP Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STSW-WLC38FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WLC38FWBPP Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STSW-WLC38FWBPP Datasheet HTML 9Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 10Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 11Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 12Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 13Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 14Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 15Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 16Page - STMicroelectronics STSW-WLC38FWBPP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
The connectivity domain includes all the connectivity options offered in smartphones.
The mobile market predominately uses integrated system-on-chip (SoC) solutions combining at
least Wi-Fi, Bluetooth®, and GPS. ST is more focused on the other connectivity options that can
deliver competitive advantages to mobile makers, such as NFC. ST can offer a wide range of
products enabling NFC data exchange or advanced mobile payment solutions, based on embedded
secure elements.
ST provides a full range of NFC and eSE / eSIM products and solutions to address secure mobile
transaction applications from the state-of-the art ST21NFC NFC controller to the ST54 integrating
the widely deployed ST33 secure element. ST54 now allows a new level of integration by merging
NFC, eSE, and eSIM in the single-die ST54J solution in a compact WLCSP package.
Another connectivity solution offered by ST is the ST60 RF transceiver for the 60 GHz band. It
provides a very power-efficient wireless link with a high data rate, eliminating the need for physical
cables and connectors for short range (a few centimeters) point-to-point communications.
SMARTPHONE RF SUBSYSTEM BLOCK DIAGRAM
NFC/eSE
ST60
WLAN/BT/GPS
Connectivity domain
Protection
Vbat
PMIC
13
Connectivity
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32