Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWLC99JR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STWLC99JR
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC99JR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STWLC99JR Datasheet HTML 20Page - STMicroelectronics STWLC99JR Datasheet HTML 21Page - STMicroelectronics STWLC99JR Datasheet HTML 22Page - STMicroelectronics STWLC99JR Datasheet HTML 23Page - STMicroelectronics STWLC99JR Datasheet HTML 24Page - STMicroelectronics STWLC99JR Datasheet HTML 25Page - STMicroelectronics STWLC99JR Datasheet HTML 26Page - STMicroelectronics STWLC99JR Datasheet HTML 27Page - STMicroelectronics STWLC99JR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
CAMERA SUBSYSTEM BILL OF MATERIAL
M24C64X-FCU
M24128X-FCU
M24256X-F
M24512X-FCU*
LDLN025
LD59030
LD57100
LD56100
LD39130S
LD56050
VD6283
VD6282
VL53L1CA
VL53L3CA
VL53L4CA
VL53L5CA
VL53L8CA
VD55H1
STM32G0
ALS
MCU
TOF
ESDARF02-1BU2CK
ECMF2-40A100N6
ECMF4-2450A60N10
Protection
LDO
Memory
VD56G3
VD55G0
GS Camera
Note *: Product not released yet. Please contact the the local sales representative
• X-NUCLEO-6283A1 (6-channel ambient light sensor, with flicker extraction expansion board based on VD6283 for STM32
Nucleo)
• P-NUCLEO-53L4A2 (L53L4CX STM32 Nucleo pack with X-NUCLEO-53L4A2 expansion board and NUCLEO-F401RE
development board)
• P-NUCLEO-53L3A2 (ranging sensor Nucleo pack based on VL53L3CX for STM32 Nucleo)
• P-NUCLEO-53L5A1 (expansion pack for VL53L5CX)
• X-NUCLEO-53L3A2 (ranging sensor expansion board based on VL53L3CX for STM32 Nucleo)
• X-NUCLEO-53L5A1 (expansion board for VL53L5CX)
• X-NUCLEO-53L4A2 (Time-of-Flight sensor with extended range measurement expansion board based on the VL53L4CX for
STM32 Nucleo)
• VL53L3CX-SATEL (breakout board with VL53L3CX detection ToF ranging sensor for easy integration in customer devices)
• VL53L5CX-SATEL (breakout boards for VL53L5CX)
TURNKEY SOLUTIONS
• X-CUBE-ALS + STSW-IMG301 (ambient light sensor software for STM32Cube and GUI)
FW BASKET
Note: Contact your sales representative to access to our latest solutions optimized for wireless applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32