Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWLC38JR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STWLC38JR
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC38JR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STWLC38JR Datasheet HTML 17Page - STMicroelectronics STWLC38JR Datasheet HTML 18Page - STMicroelectronics STWLC38JR Datasheet HTML 19Page - STMicroelectronics STWLC38JR Datasheet HTML 20Page - STMicroelectronics STWLC38JR Datasheet HTML 21Page - STMicroelectronics STWLC38JR Datasheet HTML 22Page - STMicroelectronics STWLC38JR Datasheet HTML 23Page - STMicroelectronics STWLC38JR Datasheet HTML 24Page - STMicroelectronics STWLC38JR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Smartphones are able to take high quality
photos thanks to high-performance,
multi-megapixel sensors, as well as
devices that help compensate for
shaking, adapt to ambient light levels,
and optimize camera focus.
The latest smartphones integrate several
cameras, many of which require optical
stabilization. ST offers MEMS IMUs,
widely used for the OIS (optical image
stabilization). Many system topologies
can be adopted to enable OIS in
smartphones, including those based on
STM32 MCUs.
One main
I3C / SPI / I2C
AP
6X
One Aux SPI
OIS master
#1
OIS sub 1
#2
Camera modules
#3
OIS sub 2
Target value
Supporting 3 OIS camera system by adding sub controllers
Main
I3C / SPI / I2C
AP
6X
OIS / EIS
Aux SPI
#1
#2
#N
OIS
OIS
OIS
OIS controller
embedded on AP
UI / OIS / EIS
Serial bus
option 1
Serial bus
option 2
Camera modules
Platform-based OIS
One main
I3C / SPI / I2C
AP
6X
One Aux SPI
OIS master
#1
OIS sub 1
#2
Camera modules
#3
OIS sub 2
#4
OIS sub 3
Supporting multiple OIS camera system by adding sub controllers
Single 6x IMU for addressing multiple camera
One main
I3C / SPI / I2C
AP
MCU
Target value
6X
U/I
OIS / EIS
One Aux SPI
OIS / EIS
OIS
#1
OIS
#2
OIS
#N
21
Camera
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32