| Moteur de recherche de fiches techniques de composants électroniques |
|
STWBC86 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWBC86 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 32 page ![]() ST is member of the Android Ready SE Alliance and offers StrongBox on a complete range of tamper-resistant secure elements: • for smartphone devices having an ST54 NFC/eSE solution to support NFC secure services, StrongBox is fully embedded into the ST54 Secure Element functionalities • for smartphone devices targeting both eSIM and StrongBox functionalities, a combined ST33 eSIM + STrongBox solution is available • for smartphone devices with no secure element, STSAFE-S320 offers a discrete and very cost- effective solution to support StrongBox. STSAFE-S320, discrete secure element supporting StrongBox Embedded JavaCard OS / Global platform 2.3 KeyMint, Weaver and secure storage applets Highly secure and common criteria EAL5+ certified JavaCard open protection profile Discrete hardware, small WLCSP footprint < 5mm2 Android Ready SE 8 Processor Unit Subsystem |