Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce VL53
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button VL53 Datasheet HTML 14Page - STMicroelectronics VL53 Datasheet HTML 15Page - STMicroelectronics VL53 Datasheet HTML 16Page - STMicroelectronics VL53 Datasheet HTML 17Page - STMicroelectronics VL53 Datasheet HTML 18Page - STMicroelectronics VL53 Datasheet HTML 19Page - STMicroelectronics VL53 Datasheet HTML 20Page - STMicroelectronics VL53 Datasheet HTML 21Page - STMicroelectronics VL53 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Inertial measurement units (IMU) combine an accelerometer and a gyroscope in a compact 6-axis system. The integration of
multiple sensor outputs bring motion sensing systems to the level of accuracy required for the most demanding applications,
such as enhanced gesture recognition, gaming, augmented reality, indoor navigation, and localization-based services. In its
latest generation of IMUs particularly suited to mobile applications, ST is embedding machine learning cores (MLC) for context
awareness. This enables accurate low-power edge processing that, together with the finite state machine (FSM), allows the
precise analysis and reconstruction of user activities and gestures.
IMU
UI domain
PMIC
Temp sensor
Vbat
Pressure
sensor
Inertial
sensor
Force
sensor (*)
Fingerprint
Haptic driver
+ Actuator
Protection
Smart reset
ST propose a wide range of MEMS sensors for the mobile and mobile accessories markets.
MEMS SENSORS FUNCTIONALITIES
UI SUBSYSTEM BLOCK DIAGRAM
User interface
Optical image
stabilization
Altimeter
Activity
recognition
Gesture recognition
(display wakeup)
Shock detection
Low-power IMUs with Machine Learning Core
LSM6DSOX, LSM6DSV16X, LSMDSO16IS
Low power accelerometer
LIS2DW12
High-performance magnetometer
LIS2MDL
High-performance barometer
LPS22HH
Waterproof pressure sensors
LPS27HHW, LPS28DFW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32