| Moteur de recherche de fiches techniques de composants électroniques |
|
LIS2MDL Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2MDL Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 32 page ![]() Smartphones are the most commony used computing devices. They exhibit powerful hardware capabilities and complex operating systems, allowing advanced features and AI applications, internet and cloud access, image and video acquisition, gaming, and core phone functions such as voice calls and SMS. To perform such a variety of applications, smartphones must include many devices, including a large set of sensors ( MEMS and Imaging) and devices to support several wireless communications protocols like Bluetooth, Wi-Fi, UWB, NFC, 4G/5G. STMicroelectronics is a leading semiconductor supplier in the mobile industry whitch provides solutions for both mobile platform suppliers and mobile device manufacturers (OEM/ODM), with focus on specific high-volume applications. SMARTPHONE PLATFORM The technologies in all modern smartphones enable many applications and can be quite complex in terms of system design. The hearth of this platform is the application processor (AP) which ST does not supply but offers many devices to cover most of the remaining system. To better represent the smartphone platform, we can divide it into subsystems (main functional domains, as illustrated below), so we can analyze each subsystem separately. Besides the AP, a modern smartphone can be represented by the following set of functional blocks domains: Display domain, UI domain, Power domain, Audio domain, Connectivity domain, RF domain, Memory domain, and cameras domain. Processor Unit UI & Sensors Power Management Audio Wireless Connectivity RF Module SIM/Memory Display/ Touchscreen Back Camera Front Camera Face ID 4 Introduction |