Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSOX Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce LSM6DSOX
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 7Page - STMicroelectronics LSM6DSOX Datasheet HTML 8Page - STMicroelectronics LSM6DSOX Datasheet HTML 9Page - STMicroelectronics LSM6DSOX Datasheet HTML 10Page - STMicroelectronics LSM6DSOX Datasheet HTML 11Page - STMicroelectronics LSM6DSOX Datasheet HTML 12Page - STMicroelectronics LSM6DSOX Datasheet HTML 13Page - STMicroelectronics LSM6DSOX Datasheet HTML 14Page - STMicroelectronics LSM6DSOX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
POWER MANAGEMENT SUBSYSTEM BILL OF MATERIAL
STWBC2-HP (TX)
STWBC86 (TX)
STWLC38 (RX)
STWLC98 (RX)
STWLC99* (RX)
STM8s
ESDA25P35-1U1M
TCPP01-M12
Wireless charging
Protection
MCU
STSWC58*
STSWC68*
Switch capacitor
charger
Almost all OEMs have their own fast charging protocol (see figure below). ST can support this requirement with dedicated
MCUs (8-bit or 32-bit) for the implementation of each protocol. Furthermore, the new Switched Capacitor Charger family
enables fast charging with the state-of-the-art efficiency performance supporting both wired and wireless battery charging
functions.
Vbat
Application
processor
Power domain
USB type-C
MCU
Wireless
charging
Battery
charger
Protection
Protection
POWER MANAGEMENT SUBSYSTEM BLOCK DIAGRAM
Note *: Product not released yet. Please contact the the local sales representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32