| Moteur de recherche de fiches techniques de composants électroniques |
|
AP74502Q Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP74502Q Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 22 page ![]() AP74502Q, AP74502HQ Document number: DS47093 Rev. 1 - 2 2 of 22 www.diodes.com April 2025 © 2025 Copyright Diodes Incorporated. All Rights Reserved. AP74502Q, AP74502HQ , AP Typical Applications Circuit AP74502(H)Q GATE SRC OVLO VCAP GND Voltage Regulator (DC/DC, LDO) TVS Q1 CIN COUT CVCAP Battery / Power Source VI N R1 R2 EN/UVLO ON OFF Q2 Reverse Polarity/Overvoltage Protection with Load Disconnect (Dual FETs) AP74502(H)Q GATE SRC OVLO VCAP GND Voltage Regulator (DC/DC, LDO) TVS CIN COUT CVCAP Battery / Power Source VI N EN/UVLO ON OFF Reverse Polarity Protection (Single FET) AP74502(H)Q GATE SRC OVLO VCAP GND Voltage Regulator (DC/DC, LDO) TVS Q1 CIN COUT CVCAP Battery / Power Source VI N R1 R2 EN/UVLO ON OFF Load Switch Controller with Overvotlage Protection (Single FET) Pin Descriptions Pin Name Pin Number Function EN/UVLO 1 EN/ UVLO Control pin. Enable/ Shutdown can be controlled IO control from processor. This pin also support UVLO feature with external resistor divider. GND 2 Ground Pin NC 3 No Connection VCAP 4 Charge pump output pin. Connect external Capacitor (minimum 0.1 μF) between VIN and VCAP. VIN 5 Input power supply to the device. Connect CIN (> 0.1 μF) between VIN and GND. GATE 6 GATE driver output. Connect to the gate of external NMOS FET. OVLO 7 OVLO input pin. Connect external resistor divider to adjust OVLO threshold. Connect to GND if OVLO feature is not used. SRC 8 Power input for gate driver. Connect to the source of external NMOS FET. Functional Block Diagram VCP GATE EN/UVLO GND SRC Gate Driver AP74502(H)Q CONTROL LOGIC Charge Pump EN OVLO VIN OVLO UVLO EN VCP Discharge Discharge Discharge |