| Moteur de recherche de fiches techniques de composants électroniques |
|
215313 Fiches technique(PDF) 3 Page - Molex Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
215313 Fiches technique(HTML) 3 Page - Molex Electronics Ltd. |
|
3 / 5 page ![]() DATASHEET Product Series No. Pitch (mm) Type Rows Circuits Length (mm) CLIK-Mate 221958 2.00 R-R Single 2 to 10 150, 300, 600 221959 R-S PicoBlade 15134 1.25 R-R Single 2 to 8 50, 100, 150, 300, 450, 600 Pico-SPOX 218396 1.50 R-R Single 2, 3, 4, 6, 8 50, 100, 150, 300, 600 218397 R-S DuraClik 218322 2.00 R-R Single 2, 3, 4 ,5, 6, 8, 10 150, 300, 600 218323 R-S EdgeLock 216330 2.00 R-R Single 2, 4, 6, 10 150, 300, 600 216331 R-S iGrid 221955 2.00 R-R Single 10 to 16 150, 300, 600 221956 R-S MicroClasp 15136 2.00 R-R Single 2 to 8 50, 100, 150, 300, 450, 600 Micro-Latch 219678 2.00 R-R Single 2, 3, 4, 5, 6, 8, 10 50, 100, 150, 300, 600 Micro-One 219652 2.00 R-R Single 2, 3, 4, 5, 6, 8 50, 100, 150, 300, 600 219653 R-S Milli-Grid 218509 2.00 R-R Dual 4, 6, 8, 10 50, 100, 150, 300, 600 218510 R-S Mini50 224050 2.00 R-R Single 2, 4, 8 150, 300, 600 224051 R-S KK Plus 250 224089 2.50 R-R Single 2, 3, 4, 5, 6, 8 150, 300, 600 224090 2.50 R-S Single 2, 3, 4, 5, 6, 8 150, 300, 600 Mini-Lock 15137 2.50 R-R 1 to 15 50, 100, 150, 300, 450, 600 Nano-Fit 45130 2.50 R-R Dual 2, 4, 6, 8 150, 300, 1000 145130 R-R Single 3, 4, 5, 6 ,7, 8 75, 150, 300, 1000 C-Grid III 219658 2.54 R-R Dual 8, 10, 12, 14, 16 150, 300, 600 219659 R-S KK 254 217796 2.54 R-R Single 2, 3, 4, 5, 6, 8, 10 150, 300, 600 217797 R-S SL (Positive Latch) 216270 2.54 R-R Single 2, 3, 4, 5, 6, 8 50, 100, 150, 300, 600 216271 R-S 216272 P-P 216273 P-S Micro-Fit 245132 3.00 R-R Dual 2,4, 6, 8,10 150, 300, 1000 145132 Single 2 to 6 75, 150, 300, 1000 214770 Ultra-Fit 217465 3.00 R-R Single 2, 3, 4, 6, 8 150, 300, 600 217466 R-S Off-the-Shelf (OTS) Discrete Wire Cable Assemblies |