Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP5036RJVR Fiches technique(PDF) 49 Page - Texas Instruments

No de pièce LP5036RJVR
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036RJVR Fiches technique(HTML) 49 Page - Texas Instruments

Back Button LP5036RJVR Datasheet HTML 45Page - Texas Instruments LP5036RJVR Datasheet HTML 46Page - Texas Instruments LP5036RJVR Datasheet HTML 47Page - Texas Instruments LP5036RJVR Datasheet HTML 48Page - Texas Instruments LP5036RJVR Datasheet HTML 49Page - Texas Instruments LP5036RJVR Datasheet HTML 50Page - Texas Instruments LP5036RJVR Datasheet HTML 51Page - Texas Instruments LP5036RJVR Datasheet HTML 52Page - Texas Instruments LP5036RJVR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
EN
SDA
SCL
OUT0
OUT1
OUT35
MCU
VCC
GND
LP5036
ADDR0
OUT2
VLED
VVCC
IREF
OUT34
OUT33
VCAP
ADDR1
CVCAP
RIREF
VMCU
EN
SDA
SCL
OUT0
OUT1
OUT35
VCC
GND
LP5036
ADDR0
OUT2
VLED
VVCC
IREF
OUT34
OUT33
VCAP
ADDR1
CVCAP
RIREF
RPULLUP
RPULLUP
CVCC
CVCC
49
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP503x device is a 30- or 36-channel constant-current-sink LED driver. The LP503x device improves the
user experience in color mixing and intensity control, for both live effects and coding effort. The optimized
performance for RGB LEDs makes it a perfect fit for human-machine interaction applications.
9.2 Typical Application
The LP503x design supports up to four devices in parallel with different configurations on the ADDR0 and
ADDR1 pins.
Figure 78. Driving Dual LP5036 Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61