Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV641MA/NOPB Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce LMV641MA/NOPB
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MA/NOPB Fiches technique(HTML) 27 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 25Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 26Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 27Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 28Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 29Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 30Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and
makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative
and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers
and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40