| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/3AL Fiches technique(PDF) 4 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/3AL Fiches technique(HTML) 4 Page - Amphenol PCD, Inc |
|
4 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm 7 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 6 M28840 SHIPBOARD CONNECTORS Shell Size & Contacts Shell Size 11 7 Contacts Shell Size 13 12 Contacts Shell Size 15 21 Contacts Shell Size 17 31 Contacts Shell Size 19 42 Contacts Shell Size 23 64 Contacts Shell Size 25 92Contacts Shell Size 29 121 Contacts Shell Size 33 155 Contacts TABLE A Military Shell Size Shell Size A Thread Class 2B B Ø Max. C Max. D Max. Screw Size Ref. A Cable Enrty Min. Max. A 11 .750-20 UNEF (1.028) 26.11 (1.091) 27.71 (.903) 2.94 .114-40 (.177) 4.50 (.286) 7.26 B 13 .875-20 UNEF (1.141) 28.98 (1.091) 27.71 (.977) 24.82 .114-40 (.177) 4.50 (.286) 7.26 C 15 1.000-20 UNEF (1.263) 32.08 (1.091) 27.71 (1.151) 29.24 .114-40 (.250) 6.35 (.416) 10.57 D 17 1.125-18 UNEF (1.387) 35.23 (1.206) 30.63 (1.281) 32.54 .114-40 (.291) 7.39 (.476) 12.09 E 19 1.250-18 UNEF (1.513) 38.43 (1.320) 33.53 (1.406) 35.71 .114-40 (.348) 8.84 (.626) 15.90 F 23 1.438-18 UNEF (1.703) 43.26 (1.445) 36.70 (1.576) 40.03 .134-32 (.429) 10.90 (.831) 21.11 G 25 1.562-18 UNEF (1.825) 46.36 (1.570) 39.88 (1.666) 42.32 .134-32 (.523) 13.28 (.956) 24.28 H 29 1.875-16 UN (2.143) 54.43 (1.721) 43.71 (2.046) 51.97 .134-32 (.643) 16.33 (1.081) 27.46 J 33 2.062-16 UNS (2.329) 59.16 (1.908) 48.46 (2.209) 56.11 .162-32 (.704) 17.88 (1.187) 30.15 M28840/1 STRAIGHT STRAIN RELIEF BACKSHELL M28840/1 J W DESIGNATION SHELL SIZE MATERIAL & FINISH QPL: M28840/1 Commercial: IN28840/1 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) |