| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/3JS Fiches technique(PDF) 21 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/3JS Fiches technique(HTML) 21 Page - Amphenol PCD, Inc |
|
21 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 40 41 ABLE A DASH # Conduit Size Sealing Range C Thread M Ø Max. V Thread Class 2 Y Ø Max. Min. Max. 03 03 (.50) 12.7 (.63) 16.0 .875-20 UNEF (1.12) 28.5 .1.00-20UNEF (1.19) 30.23 04 04 (.63)16.0 (.75)19.1 1.000-20 UNEF (1.25)31.8 1.188-18 UNEF (1.38)35.1 05 05 (.75) 18.1 (.88) 22.4 1.125-18 UNEF (1.43) 36.3 1.438-18 UNEF (1.63) 41.4 06 06 (.88) 22.4 (1.00) 25.4 1.250-18 UNEF (1.62) 41.2 1.750-18 UNS (1.94) 49.3 08 08 (1.19) 30.2 (1.38) 35.1 1.625-18 UNEF (1.81) 46.0 2.00-18 UNS (2.19) 55.6 10 10 (1.44) 36.6 (1.63) 41.4 1.875-18 UNS (2.18) 55.4 2.250-16 UN (2.44) 62.0 12 12 (1.63) 41.4 (1.88) 47.8 2.125-16 UN (2.56) 65.0 2.50-16 UN (2.69) 68.3 16 16 (2.13) 54.1 (2.38) 60.5 2.750-16 UN (3.06) 77.8 3.00-16 UN (3.19) 81.0 M28840/30 METAL CONDUIT COUPLER STYLES A & B M28840/30 16 W A DESIGNATION DASH # MATERIAL & FINISH BACKSHELL STYLE QPL: M28840/30 Commercial: IN28840/30 See Table A W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel A: EMI, Non-Environmental B: Environmental TABLE A Military Shell Size Shell Size Backshell Shell Size A Cable Enrty B Thread Class 2B E Max. H Max. L Max. Q Max. Max. Min. A 11 A (.312) 7.92 (.188) 4.77 .750-1P-.2L-DS (.938) 23.82 (5.332) 135.43 (3.812) 96.82 (3.250) 82.55 A 11 B (.438) 11.12 (.281) 7.13 (1.125) 28.57 (5.332) 135.43 (3.812) 96.82 (3.250) 82.55 A 11 C (.562) 14.27 (.344) 8.73 (1.312) 33.32 (5.457) 138.60 (4.000) 101.6 (3.375) 85.72 B 13 A (.438) 11.25 (.281) 7.13 .875-1P-.2L-DS (1.125) 28.57 (5.332) 135.43 (3.812) 96.82 (3.250) 82.55 B 13 B (.562) 14.27 (.344) 8.73 (1.312) 33.32 (5.457) 138.60 (4.000) 101.6 (3.375) 82.72 B 13 C (.625) 16.56 (.375) 9.52 (1.312) 33.32 (5.682) 144.32 (4.250)107.95 (3.500) 88.9 C 15 A (.438) 11.25 (.281) 7.13 1.062-1P-.2L-DS (1.125) 28.57 (5.457) 138.60 (4.000) 101.6 (3.375) 85.72 C 15 B (.562) 14.27 (.344) 8.73 (1.312) 33.32 (5.457) 138.60 (4.000) 101.6 (3.375) 85.72 C 15 C (.625) 16.56 (.375) 9.52 (1.312) 33.32 (5.682) 114.32 (4.250)107.95 (3.500) 98.9 C 15 D (.750) 19.05 (.438) 11.12 (1.593) 40.46 (5.713) 145.11 (4.150)104.77 (3.500) 88.9 D 17 A (.625) 16.56 (.375) 9.52 1.125-1P-.2L-DS (1.312) 33.32 (5.682) 144.32 (4.250)107.95 (3.500) 88.9 D 17 B (.750) 19.05 (.438) 11.12 (1.593) 40.46 (5.713) 145.11 (4.250)107.95 (3.500) 88.9 E 19 A (.625) 16.56 (.375) 9.52 1.312-1P-.2L-DS (1.312) 33.32 (5.682) 144.32 (4.250)107.95 (3.500) 88.9 E 19 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (5.832) 148.13 (4.375)111.12 (3.625) 92.07 F 23 A (.750) 19.05 (.438) 11.12 1.500-1P-.2L-DS (1.593) 40.46 (5.713) 145.74 (4.500) 114.3 (3.625) 92.07 F 23 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (5.832) 148.13 (4.500) 114.3 (3.625) 92.07 F 23 C (1.188) 30.17 (.812) 20.62 (2.093) 53.16 (6.019) 152.88 (4.688)119.07 (3.625) 92.07 G 25 A (.938) 23.82 (.625) 15.87 1.625-1P-.2L-DS (1.750) 44.45 (5.832) 148.13 (4.500) 114.3 (3.625) 92.07 G 25 B (1.188) 30.17 (.812) 20.62 (2.093) 53.16 (6.019) 152.88 (4.688)119.07 (3.625) 92.07 G 25 C (1.250) 31.75 (.875) 22.22 (2.093) 53.16 (6.144) 156.05 (4.688)119.07 (3.750) 95.25 G 25 D (1.380) 35.05 (1.000) 25.4 (2.343) 59.51 (6.176) 156.87 (4.938)125.42 (3.750) 95.25 H 29 A (1.188) 30.17 (.812) 20.62 1.812-1P-.2L-DS (2.093) 53.16 (6.144) 156.05 (4.812)122.22 (3.750) 95.25 H 29 B (1.380) 35.05 (1.000) 25.4 (2.343) 59.51 (6.176) 156.87 (4.938)125.42 (3.750) 95.25 J 33 A (1.380) 35.05 (1.000) 25.4 2.000-1P-.2L-DS (2.343) 59.51 (6.426) 163.22 (5.188)131.77 (4.000)101.6 J 33 B (1.625) 41.27 (1.250) 31.75 (2.750) 69.85 (6.701) 170.20 (5.375)136.52 (4.000)101.6 M28840/29 PLUG CONNECTOR WITH 45o EMI/RFI BACKSHELL M28840/29 C G 1 b A P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT BACKSHELL SIZE BACKSHELL STYLE CONTACT KEY POSITION QPL: M28840/29 Commercial: IN28840/29 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 A B C D A: EMI Environmental B: Environmental F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 |