| Moteur de recherche de fiches techniques de composants électroniques |
|
M28840/3FS Fiches technique(PDF) 17 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/3FS Fiches technique(HTML) 17 Page - Amphenol PCD, Inc |
|
17 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 32 33 M28840/23 E NUT M28840/23 J W DESIGNATION SHELL SIZE MATERIAL & FINISH QPL: M28840/23 Commercial: IN28840/23 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) TABLE A Military Shell Size Shell Size A Thread Class 2B B Ø Max. A 11 .750-20 UNEF (1.028) 26.11 B 13 .875-20 UNEF (1.14) 26.11 C 15 1.000-20 UNEF (2.263) 32.08 D 17 1.125-18 UNEF (1.387) 35.23 E 19 1.250-18 UNEF (1.513) 38.43 F 23 1.438-18 UNEF (1.703) 43.51 G 25 1.562-18 UNEF (1.825) 46.35 H 29 1.876-16 UN (2.143) 54.43 J 33 2.062-16 UNS (2.329) 59.16 M28840/24 MOUNTING GASKET M28840/24 G A DESIGNATION SHELL SIZE MATERIAL & FINISH QPL: M28840/24 Commercial: IN28840/24 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 A - Fluorinated Silicone B - EMI TABLE A Military Shell Size Shell Size A B Ø C D Ø A 11 (.760) 19.30 (.740) 18.80 (.766) 19.46 (.750) 19.05 (1.039) 26.39 (1.023) 25.98 (.130) 3.30 (.110) 2.79 B 13 (.853) 21.67 (.833) 21.16 (.891) 22.63 (.875) 22.22 (1.154) 29.31 (1.138) 28.90 C 15 (.978) 24.84 (.958) 24.33 (1.078) 27.38 (1.062) 26.97 (1.274) 32.36 (1.258) 31.95 D 17 (1.025) 26.04 (1.005) 25.53 (1.141) 28.98 (1.125) 28.58) (1.399) 26.39 (1.383) 35.13 E 19 (1.150) 29.21 (1.130) 28.70 (1.338) 33.98 (1.312) 33.32 (1.524) 38.71 (1.508) 38.30 F 23 (1.291) 32.79 (1.271) 32.28 (1.516) 38.51 (1.500) 38.10 (1.734) 44.04 (1.718) 43.64 G 25 (1.402) 35.61 (1.382) 35.10 (1.641) 41.68 (1.625) 41.28 (1.834) 46.58 (1.818) 46.18 (.157) 3.99 (.137) 3.48 H 29 (1.578) 40.08 (1.558) 39.57 (1.891) 48.03 (1.875) 47.62 (2.154) 54.71 (2.138) 54.30 J 33 (1.744) 44.30 (1.724) 43.79 (2.078) 52.78 (2.062) 52.37 (2.344) 59.54 (2.328) 59.13 (.183) 4.65 (.163) 4.14 |