| Moteur de recherche de fiches techniques de composants électroniques |
|
LM431ACM/NOPB.B Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431ACM/NOPB.B Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM431ACM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM 0 to 70 LM431 ACM LM431ACM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM431 ACM LM431ACM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1F LM431ACM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1F LM431ACM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1F LM431ACM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1F LM431ACMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 LM431 ACM LM431ACMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM431 ACM LM431ACZ/LFT3 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - LM431 ACZ LM431ACZ/LFT3.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 85 LM431 ACZ LM431ACZ/LFT4 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - LM431 ACZ LM431ACZ/LFT4.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 85 LM431 ACZ LM431ACZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type 0 to 70 LM431 ACZ LM431ACZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 ACZ LM431AIM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1E LM431AIM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1E LM431AIM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1E LM431AIM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1E Addendum-Page 1 |