| Moteur de recherche de fiches techniques de composants électroniques |
|
LM431BCZ/NOPB Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431BCZ/NOPB Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM431BIM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1C LM431BIM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1C LM431BIMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 431 BIM LM431BIMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 431 BIM LM431CCM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM 0 to 70 431 CCM LM431CCM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 CCM LM431CCM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1B LM431CCM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1B LM431CCM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1B LM431CCM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1B LM431CCZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type 0 to 70 LM431 CCZ LM431CCZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 CCZ LM431CIM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 CIM LM431CIM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 CIM LM431CIM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1A LM431CIM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1A LM431CIM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1A LM431CIM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1A LM431CIZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 CIZ LM431CIZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 CIZ (1) Status: For more details on status, see our product life cycle. Addendum-Page 3 |