Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4865M/NOPB Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce LM4865M/NOPB
Description  LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM4865M/NOPB Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM4865M/NOPB Datasheet HTML 18Page - Texas Instruments LM4865M/NOPB Datasheet HTML 19Page - Texas Instruments LM4865M/NOPB Datasheet HTML 20Page - Texas Instruments LM4865M/NOPB Datasheet HTML 21Page - Texas Instruments LM4865M/NOPB Datasheet HTML 22Page - Texas Instruments LM4865M/NOPB Datasheet HTML 23Page - Texas Instruments LM4865M/NOPB Datasheet HTML 24Page - Texas Instruments LM4865M/NOPB Datasheet HTML 25Page - Texas Instruments LM4865M/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM4865MM/NOPB
VSSOP
DGK
8
1000
208.0
191.0
35.0
LM4865MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LM4865MX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30