Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4752TS/NOPB Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce LM4752TS/NOPB
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM4752TS/NOPB Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM4752TS/NOPB Datasheet HTML 17Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 18Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 19Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 20Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 21Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 22Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 23Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 24Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LM4752
www.ti.com
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
LAYOUT AND GROUND RETURNS
Proper PC board layout is essential for good circuit performance. When laying out a PC board for an audio
power amplifer, particular attention must be paid to the routing of the output signal ground returns relative to the
input signal and bias capacitor grounds. To prevent any ground loops, the ground returns for the output signals
should be routed separately and brought together at the supply ground. The input signal grounds and the bias
capacitor ground line should also be routed separately. The 0.1
μF high frequency supply bypass capacitor
should be placed as close as possible to the IC.
PC BOARD LAYOUT—COMPOSITE
Figure 47.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28