| Moteur de recherche de fiches techniques de composants électroniques |
|
LM335AMX/NOPB Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM335AMX/NOPB Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM135AH Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -55 to 150 ( LM135AH, LM135AH ) LM135AH.B Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -55 to 150 ( LM135AH, LM135AH ) LM135AH/NOPB Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -55 to 150 ( LM135AH, LM135AH ) LM135AH/NOPB.B Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -55 to 150 ( LM135AH, LM135AH ) LM135H Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -55 to 150 ( LM135H, LM135H) LM135H.B Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -55 to 150 ( LM135H, LM135H) LM135H/NOPB Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -55 to 150 ( LM135H, LM135H) LM135H/NOPB.B Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -55 to 150 ( LM135H, LM135H) LM235AH Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 125 ( LM235AH, LM235AH ) LM235AH.B Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 125 ( LM235AH, LM235AH ) LM235AH/NOPB Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 125 ( LM235AH, LM235AH ) LM235AH/NOPB.B Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 125 ( LM235AH, LM235AH ) LM235H Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 125 ( LM235H, LM235H) LM235H.B Active Production TO (NDV) | 3 500 | SMALL T&R No Call TI Level-1-NA-UNLIM -40 to 125 ( LM235H, LM235H) LM235H/NOPB Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 125 ( LM235H, LM235H) LM235H/NOPB.B Active Production TO (NDV) | 3 500 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 125 ( LM235H, LM235H) LM335A MWC Active Production WAFERSALE (YS) | 0 1 | null - Call TI Call TI -40 to 85 LM335AH/NOPB Active Production TO (NDV) | 3 1000 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 100 ( LM335AH, LM335AH ) LM335AH/NOPB.B Active Production TO (NDV) | 3 1000 | SMALL T&R Yes Call TI Level-1-NA-UNLIM -40 to 100 ( LM335AH, LM335AH ) LM335AM Last Time Buy Production SOIC (D) | 8 95 | TUBE No Call TI Level-1-235C-UNLIM -40 to 100 LM335 AM Addendum-Page 1 |