| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2103 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2103 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 29 page ![]() and PNP bipolar transistors in totem-pole arrangement prove inadequate with digital power because they lack level-shifting capability. Gate drivers effectively combine both the level-shifting and buffer-drive functions. Gate drivers can also minimize the effect of high-frequency switching noise by being placed physically close to the power switch. Additionally, gate drivers can drive gate-drive transformers and control floating power-device gates, reducing the controller's power dissipation and thermal stress by moving the gate-charge power losses into the driver. 8.2 Typical Application LM2103 PWM Controller VIN T1 RGATE CBOOT CVDD VDD VCC OUT GVDD INH INL GND SH GL GH BST RGATE Secondary Side Circuit Anti-parallel Diode (Optional) RBOOT DBOOT Figure 8-1. LM2103 Driving MOSFETs in a Half-Bridge Converter www.ti.com LM2103 SNVSC62A – APRIL 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: LM2103 |