| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F446VE Fiches technique(PDF) 199 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446VE Fiches technique(HTML) 199 Page - STMicroelectronics |
|
199 / 202 page ![]() DocID027107 Rev 6 199/202 STM32F446xC/E Application block diagrams 199 A.2 USB OTG high speed (HS) interface solutions Figure 88. USB controller configured as peripheral, host, or dual-mode and used in high speed mode 1. It is possible to use MCO1 or MCO2 to save a crystal. It is however not mandatory to clock the STM32F446xx with a 24 or 26 MHz crystal when using USB HS. The above figure only shows an example of a possible connection. 2. The ID pin is required in dual role only. |