Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446VE Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STM32F446VE
Description  ARM® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VE Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STM32F446VE Datasheet HTML 96Page - STMicroelectronics STM32F446VE Datasheet HTML 97Page - STMicroelectronics STM32F446VE Datasheet HTML 98Page - STMicroelectronics STM32F446VE Datasheet HTML 99Page - STMicroelectronics STM32F446VE Datasheet HTML 100Page - STMicroelectronics STM32F446VE Datasheet HTML 101Page - STMicroelectronics STM32F446VE Datasheet HTML 102Page - STMicroelectronics STM32F446VE Datasheet HTML 103Page - STMicroelectronics STM32F446VE Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 202 page
background image
Electrical characteristics
STM32F446xC/E
100/202
DocID027107 Rev 6
APB1
TIM2
18.18
16.92
15.07
µA/MHz
TIM3
14.49
13.47
12.00
TIM4
15.18
14.11
12.50
TIM5
16.91
15.69
14.07
TIM6
2.69
2.47
2.20
TIM7
2.56
2.44
2.17
TIM12
7.07
6.56
5.83
TIM13
4.96
4.64
4.07
TIM14
5.09
4.72
4.27
WWDG
1.07
1.00
0.93
SPI2(2)
1.89
1.78
1.57
SPI3(2)
1.93
1.81
1.67
SPDIFRX
6.91
6.44
5.80
USART2
4.20
3.83
3.40
USART3
4.22
3.94
3.50
UART4
4.13
3.89
3.40
UART5
4.04
3.78
3.33
I2C1
3.98
3.69
3.33
I2C2
3.91
3.61
3.17
I2C3
3.76
3.53
3.13
FMPI2C1
5.51
5.19
4.57
CAN1
6.58
6.14
5.43
CAN2
5.91
5.56
4.90
CEC
0.71
0.69
0.60
DAC
2.96
2.72
2.40
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ Appli)
Unit
Scale 1 +
OverDrive
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More