Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446RE Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STM32F446RE
Description  ARM® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 57Page - STMicroelectronics STM32F446RE Datasheet HTML 58Page - STMicroelectronics STM32F446RE Datasheet HTML 59Page - STMicroelectronics STM32F446RE Datasheet HTML 60Page - STMicroelectronics STM32F446RE Datasheet HTML 61Page - STMicroelectronics STM32F446RE Datasheet HTML 62Page - STMicroelectronics STM32F446RE Datasheet HTML 63Page - STMicroelectronics STM32F446RE Datasheet HTML 64Page - STMicroelectronics STM32F446RE Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 202 page
background image
Port C
PC0
-
-
-
-
-
-
SAI1_
MCLK_B
--
-
OTG_HS_
ULPI_STP
-
FMC_
SDNWE
--
EVENT
OUT
PC1
-
-
-
-
-
SPI3_MOSI
/I2S3_SD
SAI1_
SD_A
SPI2_MOS
I
/I2S2_SD
--
-
-
-
-
-
EVENT
OUT
PC2
-
-
-
-
-
SPI2_MISO
-
-
-
-
OTG_HS_
ULPI_DIR
-
FMC_
SDNE0
--
EVENT
OUT
PC3
-
-
-
-
-
SPI2_MOSI
/
I2S2_SD
--
-
-
OTG_HS_
ULPI_NXT
-
FMC_
SDCKE0
--
EVENT
OUT
PC4
-
-
-
-
-
I2S1_MCK
-
-
SPDIF_
RX2
--
-
FMC_
SDNE0
--
EVENT
OUT
PC5
-
-
-
-
-
-
-
USART3_
RX
SPDIF_
RX3
--
-
FMC_
SDCKE0
--
EVENT
OUT
PC6
-
-
TIM3_CH1
TIM8_CH1
FMPI2C1
_SCL
I2S2_MCK
-
-
USART6_T
X
-
-
-
SDIO_D6
DCMI_D0
-
EVENT
OUT
PC7
-
-
TIM3_CH2
TIM8_CH2
FMPI2C1
_SDA
SPI2_SCK/
I2S2_CK
I2S3_MCK
SPDIF_
RX1
USART6_R
X
-
-
-
SDIO_D7
DCMI_D1
-
EVENT
OUT
PC8
TRACE
D0
-
TIM3_CH3
TIM8_CH3
-
-
-
UART5_
RTS
USART6_C
K
-
-
-
SDIO_D0
DCMI_D2
-
EVENT
OUT
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_
SDA
I2S_CKIN
-
UART5_
CTS
-
QUADSPI_
BK1_IO0
-
-
SDIO_D1
DCMI_D3
-
EVENT
OUT
PC10
--
-
-
--
SPI3_SCK
/
I2S3_CK
USART3_
TX
UART4_TX
QUADSPI_
BK1_IO1
-
-
SDIO_D2
DCMI_D8
-
EVENT
OUT
PC11
--
-
-
--
SPI3_
MISO
USART3_
RX
UART4_RX
QUADSPI_
BK2_NCS
-
-
SDIO_D3
DCMI_D4
-
EVENT
OUT
PC12
-
-
-
-
I2C2_
SDA
-
SPI3_
MOSI/
I2S3_SD
USART3_
CK
UART5_TX
-
-
-
SDIO_CK
DCMI_D9
-
EVENT
OUT
PC13
--
-
-
--
-
-
-
-
-
-
-
-
-
EVENT
OUT
PC14
--
-
-
--
-
-
-
-
-
-
-
-
-
EVENT
OUT
PC15
--
-
-
--
-
-
-
-
-
-
-
-
-
EVENT
OUT
Table 11. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11/
CEC
I2C1/2/3
/4/CEC
SPI1/2/3/
4
SPI2/3/4/
SAI1
SPI2/3/
USART1/
2/3/UART
5/SPDIFR
X
SAI/
USART6/
UART4/5/
SPDIFRX
CAN1/2
TIM12/13/
14/
QUADSPI
SAI2/
QUADSPI/
OTG2_HS/
OTG1_FS
OTG1_FS
FMC/
SDIO/
OTG2_FS
DCMI
-
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More