| Moteur de recherche de fiches techniques de composants électroniques |
|
PUM Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PUM Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() Fir Tree Push Mounts and Assemblies WORLDWIDE SUBSIDIARIES AND SALES OFFICES For a copy of Panduit product warranties, log on to www.panduit.com/warranty PANDUIT US/CANADA Phone: 800.777.3300 PANDUIT EUROPE LTD. London, UK cs-emea@panduit.com Phone: 44.20.8601.7200 PANDUIT SINGAPORE PTE. LTD. Republic of Singapore cs-ap@panduit.com Phone: 65.6305.7575 PANDUIT JAPAN Tokyo, Japan cs-japan@panduit.com Phone: 81.3.6863.6000 PANDUIT LATIN AMERICA Guadalajara, Mexico cs-la@panduit.com Phone: 52.33.3777.6000 PANDUIT AUSTRALIA PTY. LTD. Victoria, Australia cs-aus@panduit.com Phone: 61.3.9794.9020 ©2017 Panduit Corp. ALL RIGHTS RESERVED. WACB33--SA-ENG 5/2017 For more information Visit us at www.panduit.com Contact Customer Service by email: cs@panduit.com or by phone: 800.777.3300 Part Number Used with Cable Ties‡ Head Diameter (A) Panel to Top of Mount (B) Overall Height (C) Panel Hole Diameter Range Panel Thickness Range Std. Pkg. Qty . Std. Ctn. Qty. In. mm In. mm In. mm In. mm In. mm PUM-049-M30 M, I, S 0.67 17.0 0.26 6.6 0.54 13.8 0.18 – 0.19 4.6 – 4.9 0.03 – 0.19 0.7 – 3.0 1000 5000 PUM-071-M30 M, I, S 0.67 17.0 0.26 6.5 0.67 16.9 0.25 – 0.28 6.3 – 7.1 0.03 – 0.28 0.8 – 7.0 1000 5000 PUM-100-M30 M, I, S 0.64 16.0 0.26 6.5 0.67 16.9 0.35 – 0.40 9.0 – 10.0 0.03 – 0.28 0.8 – 7.0 1000 5000 PUM-925-M30 M, I, S, LH 0.77 20.0 0.30 7.6 1.05 26.7 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 1000 5000 PUME925-D350 M, I, S, LH, H, EH 1.18 30.0 0.275 7.0 1.10 28.0 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 500 5000 Part Number Head Diameter (A) Panel to Top of Mount (B) Overall Height (C) Panel Hole Diameter Range Panel Thickness Range Max. Bundle Diameter Std. Pkg. Qty . Std. Ctn. Qty. In. mm In. mm In. mm In. mm In. mm In. mm PUM-049-2S-D30 0.67 17.0 0.26 6.6 0.54 13.8 0.18 – 0.19 4.6 – 4.9 0.03 – 0.19 0.7 – 3.0 1.88 48.0 500 5000 PUM-071-2S-D30 0.67 17.0 0.26 6.6 0.67 16.9 0.25 – 0.28 6.3 – 7.1 0.03 – 0.28 0.8 – 7.0 500 5000 PUM-100-2S-D30 0.64 16.0 0.26 66 0.67 16.9 0.35 – 0.40 9.0 – 10.0 0.03 – 0.28 0.8 – 7.0 500 5000 PUM-925-3H-T30 0.77 20.0 0.30 7.6 1.05 26.7 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 3.00 76.0 200 1000 PUM-071-B2S-D30 0.67 17.0 0.26 6.6 0.67 16.9 0.25 - 0.28 6.3 - 7.1 0.03 - 0.28 0.8-7.0 2.00 51.0 500 5000 PUME925-3E-C350 1.18 30.0 0.275 7.0 1.10 28.0 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 3.25 82.6 100 1000 PUME925-4E-C350 1.18 30.0 0.275 7.0 1.10 28.0 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 4.13 105 100 1000 Fir Tree Push Mounts Fir Tree Push Mount Assemblies PUME925-D350 (L-R) PUM-049-M30, PUM-071-M30, PUM-925-M30, PUM-100-M30 ‡Cable Tie Cross Section: M = Miniature, I = Intermediate, S = Standard, LH = Light-Heavy, H = Heavy, and EH = Extra Heavy |