Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545 Fiches technique(PDF) 70 Page - NXP Semiconductors

No de pièce PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Fiches technique(HTML) 70 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 64Page - NXP Semiconductors PCF8545 Datasheet HTML 65Page - NXP Semiconductors PCF8545 Datasheet HTML 66Page - NXP Semiconductors PCF8545 Datasheet HTML 67Page - NXP Semiconductors PCF8545 Datasheet HTML 68Page - NXP Semiconductors PCF8545 Datasheet HTML 69Page - NXP Semiconductors PCF8545 Datasheet HTML 70Page - NXP Semiconductors PCF8545 Datasheet HTML 71Page - NXP Semiconductors PCF8545 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
70 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
27. Figures
Fig 1.
Block diagram of PCF8545A . . . . . . . . . . . . . . . . .3
Fig 2.
Block diagram of PCF8545B . . . . . . . . . . . . . . . . .4
Fig 3.
Pin configuration for TSSOP56 (PCF8545ATT). . .5
Fig 4.
Pin configuration for TSSOP56 (PCF8545BTT) . .5
Fig 5.
Effect of backplane swapping . . . . . . . . . . . . . . . .9
Fig 6.
Recommended power-down sequence . . . . . . . .10
Fig 7.
Oscillator selection. . . . . . . . . . . . . . . . . . . . . . . .12
Fig 8.
Recommended start-up sequence when
using the internal oscillator . . . . . . . . . . . . . . . . .18
Fig 9.
Recommended start-up sequence when
using an external clock signal . . . . . . . . . . . . . . .19
Fig 10. Example of displays suitable for PCF8545 . . . . .20
Fig 11. Typical system configuration for the I2C-bus . . . .21
Fig 12. Typical system configuration for the SPI-bus. . . .21
Fig 13. Electro-optical characteristic: relative
transmission curve of the liquid . . . . . . . . . . . . . .23
Fig 14. Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias and line inversion . . . . . . . . . . . . . . .24
Fig 15. Waveforms for 1:6 multiplex drive mode with
bias 1⁄3 and line inversion. . . . . . . . . . . . . . . . . . .25
Fig 16. Waveforms for 1:6 multiplex drive mode with
bias 1⁄4 and line inversion. . . . . . . . . . . . . . . . . . .26
Fig 17. Waveforms for 1:8 multiplex drive mode with
bias 1⁄4 and line inversion. . . . . . . . . . . . . . . . . . .27
Fig 18. Waveforms for 1:8 multiplex drive mode with
bias 1⁄4 and frame inversion . . . . . . . . . . . . . . . . .28
Fig 19. Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . .30
Fig 20. Display RAM filling order in 1:4 multiplex
drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Fig 21. Boundary condition in 1:4 multiplex drive mode .32
Fig 22. Display RAM filling order in 1:6 multiplex
drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 23. Boundary condition in 1:6 multiplex drive mode .34
Fig 24. Display RAM filling order in 1:8 multiplex
drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 25. Control byte format . . . . . . . . . . . . . . . . . . . . . . .36
Fig 26. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Fig 27. Definition of START and STOP conditions. . . . . .37
Fig 28. System configuration . . . . . . . . . . . . . . . . . . . . . .38
Fig 29. Acknowledgement on the I2C-bus . . . . . . . . . . . .38
Fig 30. I2C-bus protocol write mode . . . . . . . . . . . . . . . .40
Fig 31. I2C-bus protocol read mode. . . . . . . . . . . . . . . . .40
Fig 32. Data transfer overview . . . . . . . . . . . . . . . . . . . . .42
Fig 33. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .43
Fig 34. SPI-bus example . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 35. Device protection diagram for PCF8545A . . . . . .44
Fig 36. Device protection diagram for PCF8545B . . . . . .44
Fig 37. Typical IDD with respect to temperature . . . . . . . .48
Fig 38. Typical IDD(LCD) in power-down mode with
respect to temperature. . . . . . . . . . . . . . . . . . . . .48
Fig 39. Typical IDD(LCD) when display is active with
respect to temperature. . . . . . . . . . . . . . . . . . . . .49
Fig 40. Typical clock frequency with respect to VDD
and temperature . . . . . . . . . . . . . . . . . . . . . . . . .50
Fig 41. Driver timing waveforms . . . . . . . . . . . . . . . . . . .50
Fig 42. RESET timing . . . . . . . . . . . . . . . . . . . . . . . . . . .51
Fig 43. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . . 52
Fig 44. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Fig 45. Package outline SOT364-1 (TSSOP56) . . . . . . . 54
Fig 46. Tape and reel details for PCF8545ATT and
PCF8545BTT . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Fig 47. Temperature profiles for large and small
components. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Fig 48. Footprint information for reflow soldering of
SOT364-1 (TSSOP56) package . . . . . . . . . . . . . 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72