Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBF4392 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMBF4392
Description  N-Channel Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF4392 Fiches technique(HTML) 3 Page - ON Semiconductor

  MMBF4392 Datasheet HTML 1Page - ON Semiconductor MMBF4392 Datasheet HTML 2Page - ON Semiconductor MMBF4392 Datasheet HTML 3Page - ON Semiconductor MMBF4392 Datasheet HTML 4Page - ON Semiconductor MMBF4392 Datasheet HTML 5Page - ON Semiconductor MMBF4392 Datasheet HTML 6Page - ON Semiconductor MMBF4392 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBF4391 / MMBF4392 / MMBF4393 Rev. 1.3
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on FR-4 PCB 36mm × 18mm × 1.5mm; mounting pad for the collector lead minimum 6cm2.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
350
mW
Derate Above 25
°C2.8
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
Off Characteristics
V(BR)GSS
Gate-Source Breakdown Voltage IG = 1.0 μA, VDS = 0
-30
V
IGSS
Gate Reverse Current
VGS = -15 V, VDS = 0
-1.0
nA
VGS = -15 V, VDS = 0, TA = 150°C
-0.2
μA
VGS(off)
Gate-Source Cut-Off Voltage
VDS = 20 V, ID = 1.0 nA
MMBF4391
-4.0
-10.0
V
MMBF4392
-2.0
-5.0
MMBF4393
-0.5
-3.0
VGS(f)
Gate-Source Forward Voltage
IG = 1.0 mA, VDS = 0
1.0
V
ID(off)
Drain Cut-Off Leakage Current
VDS = 20 V, VGS = -12 V
MMBF4391
0.1
nA
VDS = 20 V, VGS = -7.0 V
MMBF4392
0.1
VDS = 20 V, VGS = -5.0 V
MMBF4393
0.1
VDS = 20 V, VGS = -12 V,
TA = 150°C
MMBF4391
0.2
μA
VDS = 20 V, VGS = -7.0 V,
TA = 150°C
MMBF4392
0.2
VDS = 20 V, VGS = -5.0 V,
TA = 150°C
MMBF4393
0.2
On Characteristics
IDSS
Zero-Gate Voltage Drain
Current(4)
VDS = 20 V, VGS = 0
MMBF4391
50
150
mA
MMBF4392
25
75
MMBF4393
5.0
30
VDS(on)
Drain-Source On Voltage
ID = 12 mA, VGS = 0
MMBF4391
0.4
V
ID = 6.0 mA, VGS = 0
MMBF4392
0.4
ID = 3.0 mA, VGS = 0
MMBF4393
0.4
rDS(on)
Drain-Source On Resistance
ID = 1.0 mA, VGS = 0
MMBF4391
30
Ω
MMBF4392
60
MMBF4393
100



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com