| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD669 Fiches technique(PDF) 2 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
CSD669 Fiches technique(HTML) 2 Page - Multicomp Pro |
|
2 / 5 page ![]() Page <2> V1.0 23/02/24 Single Bipolar Transistor Newark.com/multicomp-pro Farnell.com/multicomp-pro sg.element14.com/b/multicomp-pro Recommended Reflow Solder Profiles The recommended reflow solder profiles for Pb and Pb-free devices are shown below. Figure 1 shows the recommended solder profile for devices that have Pb-free terminal plating, and where a Pb-free solder is used. Figure 2 shows the recommended solder profile for devices with Pb-free terminal plating used with leaded solder, or for devices with leaded terminal plating used with a leaded solder. Classification of hFE Rank R Q P E Range 60 to 120 100 to 200 160 to 320 200 to 400 Note 1.hFE classification Non A B 60 - 120 C 100 - 200 D 160-320 A D 160-320 C 100 - 200 2. Pulse test 3. For PNP device voltage and current values will be negative (-). |