Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2AS2 Fiches technique(PDF) 4 Page - Multicomp Pro

No de pièce 2AS2
Description  Toggle Switches Sub-Miniature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2AS2 Fiches technique(HTML) 4 Page - Multicomp Pro

  2AS2 Datasheet HTML 1Page - Multicomp Pro 2AS2 Datasheet HTML 2Page - Multicomp Pro 2AS2 Datasheet HTML 3Page - Multicomp Pro 2AS2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
V1.0
11/08/20
Toggle Switches
Sub-Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Explanation
1AS2
T2
B4
M2
R
E
Model
Number
Actuator
Bushing
Terminations
Contact
Material
Seal
RoHS Compliant
Model Number
: 2AS2 = SP On-None-Mom, 2AS4 = SP Mom-Off-Mom, 2AS5 = SP On-Off-Mom,
2AD1 = DP On-None- On, 2AD2 = DP On-None-Mom, 2AD3 = DP On-Off-On and 2AD6 = DP On-On-On.
Actuator
: T2 = 6.10 High.
Bushing
: A1 = SP 4.65 High and A2 = DP 4.5 High.
Terminations
: M2 = PVC Through Hole, M6 = Right Angle, PVC Through Hole and M7 = Vertical Right Angle, PVC
Through Hole.
Contact Material : R = Gold
Seal
: E = Epoxy (STD)
Part Number Table
Description
Part Number
Switch, Toggle, DPDT, Vertical, On-Mom
2AD2T2A2M2RE
Switch, Toggle, DPDT, Vertical, On-On
2AD1T2A2M2RE
Switch, Toggle, DPDT, Vertical, On-Off-On
2AD3T2A2M2RE
Switch, Toggle, DPDT, Vertical, On-On-On
2AD6T2A2M2RE
Switch, Toggle, SPDT, Horizontal R/A, Mom-Off-Mom
2AS4T2A1M6RE
Switch, Toggle, Horizontal R/A, On-Mom
2AD2T2A2M6RE
Switch, Toggle, DPDT, Horizontal R/A, On-On
2AD1T2A2M6RE
Switch, Toggle, DPDT, Horizontal R/A, On-On-On
2AD6T2A2M6RE
Switch, Toggle, SPDT, Vertical R/A, On-Mom
2AS2T2A1M7RE
Switch, Toggle, SPDT, Vertical R/A, Mom-Off-Mom
2AS4T2A1M7RE
Switch, Toggle, SPDT, Vertical R/A, On-Off-Mom
2AS5T2A1M7RE
Switch, Toggle, DPDT, Vertical R/A, On-Mom
2AD2T2A2M7RE
Switch, Toggle, DPDT, Vertical R/A, On-On
2AD1T2A2M7RE
Switch, Toggle, DPDT, Vertical R/A, On-Off-On
2AD3T2A2M7RE
Switch, Toggle, DPDT, Vertical R/A, On-On-On
2AD6T2A2M7RE
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4