Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F271Z1 Fiches technique(PDF) 172 Page - STMicroelectronics

No de pièce ST10F271Z1
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1 Fiches technique(HTML) 172 Page - STMicroelectronics

Back Button ST10F271Z1 Datasheet HTML 168Page - STMicroelectronics ST10F271Z1 Datasheet HTML 169Page - STMicroelectronics ST10F271Z1 Datasheet HTML 170Page - STMicroelectronics ST10F271Z1 Datasheet HTML 171Page - STMicroelectronics ST10F271Z1 Datasheet HTML 172Page - STMicroelectronics ST10F271Z1 Datasheet HTML 173Page - STMicroelectronics ST10F271Z1 Datasheet HTML 174Page - STMicroelectronics ST10F271Z1 Datasheet HTML 175Page - STMicroelectronics ST10F271Z1 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 185 page
background image
Electrical characteristics
ST10F271Z1
172/185
Figure 59.
External memory cycle: demultiplexed bus, with/without r/w delay, normal ALE,
r/w CS
Read cycle
Write cycle
CLKOUT
ALE
Data in
Data out
t5
t16
t5
t46
t50
t48
Address
t17
t49
t47
t48
t49
t68
t53
t83
t82
t26
t57
t55
t6
t82
t83
RdCSx
WrCSx
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More