Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCDB2000NPPR Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CDCDB2000NPPR Fiches technique(HTML) 3 Page - Texas Instruments

  CDCDB2000NPPR Datasheet HTML 1Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 2Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 3Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 4Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 5Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 6Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 7Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 8Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Table 4-1. Pin Functions
PIN
I/O TYPE(2)
DESCRIPTION
NAME(1)
NO.
INPUT CLOCK
CLKIN_P
G1
I
LP-HCSL differential clock input. Typically connected directly to the differential
output of clock source.
CLKIN_N
H1
I
OUTPUT CLOCKS
CK0_P
J1
O
LP-HCSL differential clock output of channel 0. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK0_N
K1
O
CK1_P
L1
O
LP-HCSL differential clock output of channel 1. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK1_N
M1
O
CK2_P
M2
O
LP-HCSL differential clock output of channel 2. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK2_N
M3
O
CK3_P
M4
O
LP-HCSL differential clock output of channel 3. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK3_N
M5
O
CK4_P
M7
O
LP-HCSL differential clock output of channel 4. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK4_N
M8
O
CK5_P
M9
O
LP-HCSL differential clock output of channel 5. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect, and pin L8
(OE5# / DATA) is recommended to be either in DATA mode or pulled high.
CK5_N
M10
O
CK6_P
M11
O
LP-HCSL differential clock output of channel 6. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect, and pin L10
(OE6# / CLK) is recommended to be either in CLK mode or pulled high.
CK6_N
M12
O
CK7_P
L12
O
LP-HCSL differential clock output of channel 7. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect, and pin K11
(OE7#) is recommended to be pulled high to disable channel 7 output.
CK7_N
K12
O
CK8_P
J12
O
LP-HCSL differential clock output of channel 8. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect, and pin H11
(OE8#) is recommended to be pulled high to disable channel 8 output.
CK8_N
H12
O
CK9_P
G12
O
LP-HCSL differential clock output of channel 9. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect, and pin E12
(OE9#) is recommended to be pulled high to disable channel 9 output.
CK9_N
F12
O
CK10_P
D12
O
LP-HCSL differential clock output of channel 10. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect, and pin E11
(OE10# / SHFT_LD#) is recommended to be either in SHFT_LD# mode or pulled
high.
CK10_N
C12
O
CK11_P
B12
O
LP-HCSL differential clock output of channel 11. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect, and pin C11
(OE11#) is recommended to be pulled high to disable channel 11 output.
CK11_N
A12
O
CK12_P
A11
O
LP-HCSL differential clock output of channel 12. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect, and pin B10
(OE12#) is recommended to be pulled high to disable channel 12 output.
CK12_N
A10
O
CK13_P
A9
O
LP-HCSL differential clock output of channel 13. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK13_N
A8
O
CK14_P
A7
O
LP-HCSL differential clock output of channel 14. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK14_N
A6
O
CK15_P
A5
O
LP-HCSL differential clock output of channel 15. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK15_N
A4
O
CK16_P
A3
O
LP-HCSL differential clock output of channel 16. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK16_N
A2
O
CK17_P
A1
O
LP-HCSL differential clock output of channel 17. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK17_N
B1
O
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35