Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2591RGVR Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce CC2591RGVR
Description  CC2591 2.4-GHz RF Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CC2591RGVR Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CC2591RGVR Datasheet HTML 9Page - Texas Instruments CC2591RGVR Datasheet HTML 10Page - Texas Instruments CC2591RGVR Datasheet HTML 11Page - Texas Instruments CC2591RGVR Datasheet HTML 12Page - Texas Instruments CC2591RGVR Datasheet HTML 13Page - Texas Instruments CC2591RGVR Datasheet HTML 14Page - Texas Instruments CC2591RGVR Datasheet HTML 15Page - Texas Instruments CC2591RGVR Datasheet HTML 16Page - Texas Instruments CC2591RGVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RF_P
RXTX
RF_N
RF_P
RF_N
CC2520
Connected to
VDD/GND/MCU
Alternatively
from MCU
RF_P
RXTX
RF_N
= TLINE inductor
CC2591
ANT
PAEN
EN
HGM
VDD
VDD VDD
VDD
RF_P
RXTX
RF_N
R151
NC
PA_EN
LNA_EN
C41
C21
L21
L41
C1
L112
C113
C111
L111
C112
C161
C11/C12
C101/C102
C131/C132
CC2591
www.ti.com
SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014
5.2.4
Connecting CC2591 to a CC2520 Device
Table 5-4. Control Logic for Connecting CC2591 to a CC2520 Device
PAEN
EN
RXTX
HGM
MODE OF OPERATION
0
0
NC
X
Power Down
0
1
NC
0
RX LGM
0
1
NC
1
RX HGM
1
0
NC
X
TX
1
1
NC
X
Not allowed
Figure 5-4. CC2591 + CC2520 Application Circuit
Copyright © 2008–2014, Texas Instruments Incorporated
Applications, Implementation, and Layout
13
Submit Documentation Feedback
Product Folder Links: CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26