Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ25100AYFPR Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce BQ25100AYFPR
Description  bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25100AYFPR Fiches technique(HTML) 29 Page - Texas Instruments

Back Button BQ25100AYFPR Datasheet HTML 25Page - Texas Instruments BQ25100AYFPR Datasheet HTML 26Page - Texas Instruments BQ25100AYFPR Datasheet HTML 27Page - Texas Instruments BQ25100AYFPR Datasheet HTML 28Page - Texas Instruments BQ25100AYFPR Datasheet HTML 29Page - Texas Instruments BQ25100AYFPR Datasheet HTML 30Page - Texas Instruments BQ25100AYFPR Datasheet HTML 31Page - Texas Instruments BQ25100AYFPR Datasheet HTML 32Page - Texas Instruments BQ25100AYFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Dec-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
BQ25100AYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100AYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100HYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100HYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100YFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100YFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101HYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101HYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101YFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101YFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34