| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS5440IPFPR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5440IPFPR Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 30 page ![]() www.ti.com THD + 10log10 P S P D (3) ADS5440 SLAS467A – JULY 2005 – REVISED DECEMBER 2005 DEFINITION OF SPECIFICATIONS (continued) Effective Resolution Bandwidth The highest input frequency where the SNR (dB) is dropped by 3 dB for a full-scale input amplitude. Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first five harmonics (PD). THD is typically given in units of dBc (dB to carrier). Two-Tone Intermodulation Distortion IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2) to the power of the worst spectral component at either frequency 2f1– f2 or 2f2– f1). IMD3 is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. 9 Submit Documentation Feedback |