Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2UD2 Fiches technique(PDF) 4 Page - Multicomp Pro

No de pièce 2UD2
Description  Toggle Switches Ultra-Minature - Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2UD2 Fiches technique(HTML) 4 Page - Multicomp Pro

  2UD2 Datasheet HTML 1Page - Multicomp Pro 2UD2 Datasheet HTML 2Page - Multicomp Pro 2UD2 Datasheet HTML 3Page - Multicomp Pro 2UD2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
V1.0
11/08/20
Toggle Switches
Ultra-Minature - Sealed
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Explanation
Part Number Table
Description
Part Number
Switch, Ultraminiature, SPDT, On-Mom
2US2T1A1M2RE
Switch, Ultraminiature, SPDT, On-On
2US1T1A1M2RE
Switch, Ultraminiature, SPDT, On-Off-On
2US3T1A1M2RE
Switch, Ultraminiature, DPDT, On-Mom
2UD2T1A1M2RE
Switch, Ultraminiature, DPDT, On-On
2UD1T1A1M2RE
Switch, Ultraminiature, DPDT, On-Off-On
2UD3T1A1M2RE
Switch, Ultraminiature, Horizontal R/A, SPDT, On-Mom
2US2T1A1M6RE
Switch, Ultraminiature, Horizontal R/A, SPDT, On-On
2US1T1A1M6RE
Switch, Ultraminiature, Horizontal R/A, SPDT, On-Off-On
2US3T1A1M6RE
Switch, Ultraminiature, Horizontal R/A, DPDT, On-Mom
2UD2T1A1M6RE
Switch, Ultraminiature, Horizontal R/A, DPDT, On-On
2UD1T1A1M6RE
Switch, Ultraminiature, Horizontal R/A, DPDT, On-Off-On
2UD3T1A1M6RE
Switch, Ultraminiature, Vertical R/A, SPDT, On-Mom
2US2T1A1M7RE
Switch, Ultraminiature, Vertical R/A, SPDT, On-On
2US1T1A1M7RE
Switch, Ultraminiature, Vertical R/A, SPDT, On-Off-On
2US3T1A1M7RE
Switch, Ultraminiature, Vertical R/A, DPDT, On-Mom
2UD2T1A1M7RE
Switch, Ultraminiature, Vertical R/A, DPDT, On-On
2UD1T1A1M7RE
Switch, Ultraminiature, Vertical R/A, DPDT, On-Off-On
2UD3T1A1M7RE
Model Number : 2US1 = SP On-None-On, 2US2 = SP On-None-Mom, 2US3 = SP On-Off-On, 2UD1 = DP On-None-On,
2UD2 = DP On-None-Mom and 2UD3 = DP On-Off-On.
Actuator
: T1 = 3.80 High (std).
Bushing
: A1 = 1.60 High (std).
Terminations
: M2 = PVC Through Hole, M6 = Right Angle, PVC Through Hole and M7 = Vertical Right Angle, PVC
Through Hole.
Contact Material : R = Gold.
Seal
: E = Epoxy (std).



Html Pages

1 2 3 4