| Moteur de recherche de fiches techniques de composants électroniques |
|
CC2560BYFVT Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2560BYFVT Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 54 page ![]() CC2560A NRND; CC2564 NRND 8 CC2560A, CC2560B, CC2564, CC2564B SWRS121E – JULY 2012 – REVISED JANUARY 2016 www.ti.com Submit Documentation Feedback Product Folder Links: CC2560A CC2560B CC2564 CC2564B Terminal Configuration and Functions Copyright © 2012–2016, Texas Instruments Incorporated Table 4-1. Pin Attributes (continued) NAME NO. PULL AT RESET DEF. DIR.(1) I/O Type(2) DESCRIPTION VSS A24, A28 I Ground VSS_DCO B11 I DCO ground VSS_FREF B3 I Fast clock ground 4.2 Connections for Unused Signals Table 4-2 lists the connections for unused signals. Table 4-2. Connections for Unused Signals FUNCTION PIN NUMBER DESCRIPTION NC A1 Not connected NC A10 Not connected NC A11 Not connected NC A14 Not connected NC A18 Not connected NC A19 Not connected NC A20 Not connected NC A21 Not connected NC A22 Not connected NC A23 Not connected NC A27 Not connected NC A30 Not connected NC A31 Not connected NC A40 Not connected NC B9 Not connected NC B10 Not connected NC B16 Not connected NC B17 Not connected NC B20 Not connected NC B23 Not connected NC A13 TI internal use NC A15 TI internal use NC A16 TI internal use NC A36 TI internal use NC A37 TI internal use NC A39 TI internal use NC B12 TI internal use NC B13 TI internal use NC B14 TI internal use NC B29 TI internal use NC B30 TI internal use NC B31 TI internal use NC B28 TI internal use |