| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS1626IPAPT Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS1626IPAPT Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() ADS1625 ADS1626 SBAS280E − JUNE 2003 − REVISED MAY 2007 www.ti.com 21 RESETTING THE ADS1625 The ADS1625 and ADS1626 with FIFO disabled are asynchronously reset when the RESET pin is taken low. During reset, all of the digital circuits are cleared, DOUT[17:0] are forced low, and DRDY forced high. It is recommended that the RESET pin be released on the falling edge of CLK. Afterwards, DRDY goes low on the second rising edge of CLK. Allow 46 DRDY cycles for the digital filter to settle before retrieving data. See Figure 3 for the timing specifications. Reset can be used to synchronize multiple ADS1625s. All devices to be synchronized must use a common CLK input. With the CLK inputs running, pulse RESET on the falling edge of CLK, as shown in Figure 15. Afterwards, the converters will be converting synchronously with the DRDY outputs updating simultaneously. After synchronization, allow 46 DRDY cycles (t12) for output data to fully settle. RESET ADS1625 1 CLK DRDY DOUT[17:0] DRDY 1 DOUT[17:0] 1 RESET Clock RESET ADS1625 2 CLK DRDY DOUT[17:0] DRDY 2 DOUT[17:0] 2 CLK RESET DRDY 1 DOUT[17:0] 1 Synchronized Settled Data Settled Data DRDY 2 DOUT[17:0] 2 t 12 Figure 15. Synchronizing Multiple Converters RESETTING THE ADS1626 The ADS1626 with the FIFO enabled requires a different reset sequence than the ADS1625, as shown in Figure 16. Ignore any DRDY toggles that occur while RESET is low. Release RESET on the rising edge of CLK, then afterwards toggle RD to complete the reset sequence. Toggle RD to complete reset sequence CLK RESET DRDY RD t 26 Ignore Figure 16. Resetting the ADS1626 with the FIFO Enabled After resetting, the settling time for the ADS1626 is 46 CLK cycles, regardless of the FIFO level. Therefore, for higher FIFO levels, it takes fewer DRDY cycles to settle because the DRDY period is longer. Table 4 shows the number of DRDY cycles required to settle for each FIFO level. Table 4. ADS1626 Reset Settling FIFO LEVEL FILTER SETTLING TIME AFTER RESET (t26 in units of DRDY cycles ) 2 23 4 12 6 8 8 6 10 5 12 4 14 4 |