| Moteur de recherche de fiches techniques de composants électroniques |
|
PBAM1AC5002C0G Fiches technique(PDF) 1 Page - APEM |
|
|
|||||||||||||||||||||||||||||
PBAM1AC5002C0G Fiches technique(HTML) 1 Page - APEM |
|
1 / 6 page ![]() APEM www.apem.com 1 New! PBA series Piezo switches Ø 30 mm Distinctive features and specifications K Bushing diameter 30 mm (1.181) K Sealed to IP68 and IP69K (switches mounted on panel) K Easy to clean metal surface K Very long life expectancy K Ring illumination: flush or prominent ring ENVIRONMENTAL SPECIFICATIONS • Sealing : IP68 per IEC 60529, IP69K per DIN 40050-9 (switches mounted on panel) • Operating temperature : -40 °C to +75 °C (-40 °F to +167 °F) ELECTRICAL SPECIFICATIONS • Max. current/voltage rating with resistive load : 1 A 24 VAC/DC • Switch resistance ON : 10 Ω max. • Switch resistance OFF : 5 MΩ min. • Life expectancy : 50 million cycles • LED consumption : 20 mA SEALING IP68 SEALING IP69K MATERIALS • Case : aluminum, anodized or stainless steel 316L • Multi-wire leads section 0,22 mm2 length 300 mm, twisted by pair • Cable, length 300 mm, section depending on switch model GENERAL SPECIFICATIONS • Operating force : 6 to 12 N • Torque : 1.5 Nm min. - 10 Nm max One-piece bushing Epoxy sealed terminals O-ring Continuous immersion in water IP68 test conditions Continuous immersion in water (1m, 24 hours) IP69K test conditions . Pressure : 80 - 120 bars . Distance : 15 cm . Temperature : 80°C ± 5°C . Flow : 14 - 16 l/mn . Duration : 30 seconds per position High pressure, high temperature wash down Note : to maintain the ESD performance, always add a ground washer when the panel is made of non-conductive material (PVC, polycarbonate). For part numbers, see “Mounting accessories“ on the following pages. The company reserves the right to change specifications without notice. SW-PBA30-1706 |
Numéro de pièce similaire - PBAM1AC5002C0G |
|
Description similaire - PBAM1AC5002C0G |