| Moteur de recherche de fiches techniques de composants électroniques |
|
BP-20-SS. Fiches technique(PDF) 1 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
BP-20-SS. Fiches technique(HTML) 1 Page - Omega Engineering, Inc. |
|
1 / 3 page ![]() 1 U All Stainless Steel Construction for Harsh Industrial Applications U 0.25% Interchangeability for Multiple Cell Applications U 5-Point Calibration Provided Tension/Compression 0-50 lb to 0-30,000 lb- Standard Models 0-25 kgf to 0-10,000 kgf- Metric Models STANDARD LC501-20K, shown smaller than actual size. TWA5-750 self adjusting weigh module, shown smaller than actual size. High-Accuracy Stainless Steel Cantilever Beams Standard and Metric Models METRIC LCM501-10K, shown smaller than actual size. TM LC501/LCM501 Series LC511/LCM511 Series Standard |
Numéro de pièce similaire - BP-20-SS. |
|
Description similaire - BP-20-SS. |