| Moteur de recherche de fiches techniques de composants électroniques |
|
PSL-DCPLRX Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PSL-DCPLRX Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
1 / 11 page ![]() 1 Intro | Lockout / Tagout þ 1. Be Aware of the Lockout Regulations Become familiar with the federal regulations known as The Control of Hazardous Energy (Lockout/Tagout). þ 2. Develop List of Machinery & Equipment Survey your facility for all machinery and equipment that have the potential for requiring lockout. Post signs, apply labels and tags… …to warn and identify energy source areas and points requiring shut-down and lockout/tagout procedures. 3. Identify & Mark Energy Sources & Lockout Points þ Locate and document start-up areas of energy sources, such as: • Mechanical • Electrical • Hydraulic • Thermal • Pressure • Process Control • Stored Energy (gravity, springs) þ 4. Determine the Lockout Controls Identify and document the necessary devices that isolate and lock out energy sources, and secure them for on-site use. Standardize the devices for various functions for proper identification. þ 5. Set up Lockout Training & Procedure Program Develop, standardize, and document the lockout process for each energy source. Identify employees’ level of involvement in the program – those that are made aware, affected, and to perform the lockout procedures. Accomplish this through comprehensive training programs and certifications. þ 6. Implement the Lockout Program Initiate and enact the lockout/tagout program in accordance with the training procedures. Post reminders and have the necessary lockout/tagout devices readily available. þ 7. Review Lockout Program Identify and document changes to existing procedures and new energy sources that require lockout. Make corrections, changes, and additions to the program. Conduct periodic review of lockout procedures (required at least annually) to ensure they are up to date and requirements are being met. 29 CFR § 1910.147… The Control of Hazardous Energy (Lockout/Tagout) ...requires the employers to establish a program and utilize procedures for affixing appropriate lockout devices or tagout devices to energy isolating devices, and to otherwise disable machines or equipment to prevent unexpected energization, start-up or release of stored energy in order to prevent injury to employees. We offer solutions to help meet your lockout/tagout requirements and make your employees aware of the energy source hazards found throughout your facility. Look for products to meet your specific lockout needs on the following pages - ranging from lockout devices to training materials. Call us for consultation and on-site assessment of your lockout/tagout requirements. Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT! Before repairs, servicing, maintenance, or set-up of machines and equipment can begin, prevent the unexpected — the accidental start-up! Procedures, devices, and personnel must be set in place to prevent the serious injury or death that could occur when someone thinks something is safely off. To ensure machines and equipment remain inoperable means establishing a “program consisting of energy control procedures, employee training, and periodic inspections...” as described in the OSHA standard. The standard also identifies products used for achieving these goals, such as lockout and tagout devices. Highlighted here are seven steps to creating an effective lockout/tagout program. 800.777.3300 | Panduit.com |
Numéro de pièce similaire - PSL-DCPLRX |
|
Description similaire - PSL-DCPLRX |